Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp S7G2 Datasheet HTML 15Page - Renesas Technology Corp S7G2 Datasheet HTML 16Page - Renesas Technology Corp S7G2 Datasheet HTML 17Page - Renesas Technology Corp S7G2 Datasheet HTML 18Page - Renesas Technology Corp S7G2 Datasheet HTML 19Page - Renesas Technology Corp S7G2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 16 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Input or output pins for data output from the master
MISOA, MISOB
I/O
Input or output pins for data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1 to SSLA3,
SSLB1 to SSLB3
Output
Output pins for slave selection
QSPI
QSPCLK
Output
QSPI clock output pin
QSSL
Output
QSPI slave output pin
QIO0 to QIO3
I/O
Data0 to Data3
CAN
CRX0, CRX1
Input
Receive data
CTX0, CTX1
Output
Transmit data
USBFS
VCC_USB
Input
Power supply pins
VSS_USB
Input
Ground pins
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. Connect this pin to the D+ pin of
the USB bus
USB_DM
I/O
D- I/O pin of the USB on-chip transceiver. Connect this pin to the D- pin of
the USB bus
USB_VBUS
Input
USB cable connection monitor pin. Connect this pin to VBUS of the USB
bus. The VBUS pin status (connected or disconnected) can be detected
when the USB module is operating as a function controller.
USB_EXICEN
Output
Low-power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins. Connect
the VBUS comparator signals to these pins when the OTG power supply
chip is connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during operation in
OTG mode
USBHS
VCC_USBHS
Input
Power supply pin
VSS1_USBHS
Input
Ground pin
VSS2_USBHS
Input
Ground pin
AVCC_USBHS
Input
Analog power supply pin for the USBHS
AVSS_USBHS
Input
Analog ground pin for the USBHS. Must be shorted to the PVSS_USBHS
pin.
USBHS
PVSS_USBHS
Input
PLL circuit ground pin for the USBHS. Must be shorted to the AVSS_USBHS
pin.
USBHS_RREF
I/O
USBHS reference current source pin. Connect this pin to the AVSS_USBHS
pin through a 2.2-k
 resistor (1%).
USBHS_DP
I/O
USB bus D+ data pin
USBHS_DM
I/O
USB bus D- data pin
USBHS_EXICEN
Output
Connect this pin to the OTG power supply IC
USBHS_ID
Input
Connect this pin to the OTG power supply IC
USBHS_VBUSEN
Output
VBUS power enable signal for USB
USBHS_OVRCURA,
USBHS_OVRCURB
Input
Overcurrent pin for USB
USBHS_VBUS
Input
USB cable connection monitor input pin
Table 1.17
Pin functions (3 of 5)
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com