Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp S7G2 Datasheet HTML 15Page - Renesas Technology Corp S7G2 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 12 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
1.4
Function Comparison
Table 1.16
Functional comparison (1 of 2)
Function
Part numbers
R7FS7G27H2A01CBD/
R7FS7G27G2A01CBD
R7FS7G27H2A01CBG/
R7FS7G27G2A01CBG
R7FS7G27H3A01CFC/
R7FS7G27G3A01CFC
R7FS7G27H2A01CLK/
R7FS7G27G2A01CLK
R7FS7G27H3A01CFB/
R7FS7G27G3A01CFB
R7FS7G27G3A01CFP
Pin count
224
176
176
145
144
100
Package
BGA
BGA
LQFP
LGA
LQFP
LQFP
Code flash memory
4/3 MB
3 MB
Data flash memory
64 KB
SRAM
640 KB
Parity
608 KB
DED
32 KB
Standby SRAM
8 KB
System
CPU clock
240 MHz
Backup registers
512 bytes
ICU
Yes
KINT
8
Event link
ELC
Yes
DMA
DTC
Yes
DMAC
8
BUS
External bus
16-bit bus
8-bit bus
SDRAM
Yes
No
Timers
GPT32EH
4
GPT32E
4
3
GPT32
6
5
AGT
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
10
IIC
32
SPI
2
SSI
21
QSPI
1
Dual-SPI 1
SDHI
2
CAN
2
USBFS
Yes
USBHS
Yes
No
ETHERC
2
1
Analog
ADC12
Unit 0: 13
Unit 1: 12
Shared channel pin:
2*1
Unit 0: 11
Unit 1: 10
Shared channel pin: 2*1
Unit 0: 11
Unit 1: 8
Shared channel pin:
2*1
Unit 0: 11
Unit 1: 18
Shared channel pin:
2*1
Unit 0: 9
Unit 1: 7
Shared channel pin:
2*1
3ch-S/H
Unit 0: 1 (3 ch)
Unit 1: 1 (3 ch)
PGA
Unit 0: 3
Unit 1: 3
DAC12
2
ACMPHS
6
TSN
Yes
HMI
CTSU
18
12
18
12
Graphics GLCDC
RGB888
RGB565
DRW
Yes
JPEG
Yes
PDC
Yes
No
Data processing
CRC
Yes
DOC
Yes
SRC
Yes
Security
SCE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com