Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 40 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.2.5
Operating and Standby Current
Table 2.7
Operating and standby current (1 of 2)
Parameter
Symbol
LDO mode
DCDC mode
Unit
Test conditions
Min
Typ
Max
Min
Typ
Max
Supply
current
*1
Maximum
*2
ICC*7
-
-
330
-
-
140
mA
ICLK = 240 MHz
PCLKA = 120 MHz*6
PCLKB = 60 MHz
PCLKC = 60 MHz
PCLKD = 120 MHz
FCLK = 60 MHz
BCLK = 120 MHz
CoreMark®
*4
-45
-
-24
-
Normal
mode
*3
All peripheral clocks
enabled, while (1) code
executing from flash
-75
-
-38
-
All peripheral clocks
disabled, while (1) code
executing from flash
*5
-32
-
-18
-
Sleep mode
*4 *5
-25
150
-15
75
Increase
during BGO
operation
Data flash P/E
-
7
-
-
7
-
Code flash P/E
-
10
-
-
10
-
Low-speed mode
*4
-
4.4
-
-
3
-
ICLK = 1 MHz
Subosc-speed mode
*4
-
3
-
-
2
-
ICLK = 32.768 kHz
Software Standby mode
-
2.4
110
-
1.2
55
-
Power supplied to Standby SRAM and USB
resume detecting unit
-37
255
-37
255
μAVBAT ≠ VCC*9
-37
285
-37
285
VBAT = VCC
Power not
supplied to
SRAM or
USB resume
detecting
unit
Power-on reset circuit low-
power function disabled
-25
50
-25
50
VBAT ≠ VCC*9
-25
80
-25
80
VBAT = VCC
Power-on reset circuit low-
power function enabled
-16
35
-16
35
VBAT ≠ VCC*9
-16
65
-16
65
VBAT = VCC
Increase
when the
RTC and
AGT are
operating
When the low-speed on-chip
oscillator (LOCO) is in use
-9
-
-9
-
-
When a crystal oscillator for
low clock loads is in use
-1.0
-
-1.0
-
-
When a crystal oscillator for
standard clock loads is in
use
-3.0
-
-3.0
-
-
RTC operating while
VCC is off (with the
battery backup
function, only the RTC
and sub-clock
oscillator operate)
When a crystal
oscillator for low clock
loads is in use
-0.9
-
-0.9
-
VBATT = 2.0 V,
VCC = 0 V
-1.6
-
-1.6
-
VBATT = 3.3 V,
VCC = 0 V
When a crystal
oscillator for standard
clock loads is in use
-1.7
-
-1.7
-
VBATT = 2.0 V,
VCC = 0 V
-3.3
-
-3.3
-
VBATT = 3.3 V,
VCC = 0 V
Analog
power
supply
current
During 12-bit A/D conversion
AICC
-0.8
1.1
-0.8
1.1
mA
-
During 12-bit A/D conversion with S/H amp
-
2.3
3.3
-
2.3
3.3
mA
-
PGA (1ch)
-
1
3
-
1
3
mA
-
ACMPHS (1unit)
100
150
100
150
µA
-
Temperature sensor
-
0.1
0.2
-
0.1
0.2
mA
-
During D/A conversion
(per unit)
Without AMP output
-
0.1
0.2
-
0.1
0.2
mA
-
With AMP output
-
0.5
0.8
-
0.5
0.8
mA
-
Waiting for A/D, D/A conversion (all units)
-
0.9
1.6
-
0.9
1.6
mA
-
ADC12, DAC12 in standby modes (all units)*8
-2
6
-2
6
µA
-
Reference
power
supply
current
(VREFH0)
During 12-bit A/D conversion (unit 0)
AIREFH0
-70
120
-70
120
μA-
Waiting for 12-bit A/D conversion (unit 0)
-
0.07
0.4
-
0.07
0.4
μA-
ADC12 in standby modes (unit 0)
-
0.07
0.2
-
0.07
0.2
µA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com