Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSCBQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 12Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 13Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 14Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 15Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 16Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 17Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 18Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 19Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
3.9.1
Harmonic emission at 433 MHz
Table 24. Harmonic emission at 433 MHz
Parameter
Test conditions
SMPS on
Unit
H1
CW
14
dBm
H2
CW
-51
H3
CW
-56
H4
CW
-39
H5
CW
-34
H6
CW
-46
H7
CW
-44
3.9.2
Harmonic emission at 840-868 MHz
Table 25. Harmonic emission at 840-868 MHz
Parameter
Test conditions
HPM/LPM/SMPS on
Unit
H1
CW
14
dBm
H2
CW
-38
H3
CW
-54
H4
CW
-52
H5
CW
-52
H6
CW
-43
H7
CW
-51
3.10
Digital interface specification
Table 26. Digital SPI input, output and GPIO specification
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SPI clock frequency
8
10
MHz
Port I/O capacitance
1.4
pF
Rise time
From 0.1*VDD to 0.9*VDD, CL=20 pF (low
output current programming)
6.0
ns
From 0.1*VDD to 0.9*VDD, CL=20 pF (high
output current programming)
2.5
Fall time
From 0.1*VDD to 0.9*VDD, CL=20 pF (low
output current programming)
7.0
ns
From 0.1*VDD to 0.9*VDD, CL=20 pF (high
output current programming)
2.5
Logic high level input voltage
VDD/2
+0.3
V
Logic low level input voltage
VDD/8
+0.3
V
High level output voltage
IOH = -2.4 mA (-4.2 mA into high output current
mode).
(5/8)*
V
S2-LPS
Digital interface specification
DS13831 - Rev 1
page 16/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73