| Electronic Components Datasheet Search |
|
S2-LPSCBQTR Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPSCBQTR Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 73 page ![]() • mode 2: 16 bits: the poly is (0x8005) X16+X15+X2+1 • mode 3: 16 bits: the poly is (0x1021) X16+X12+X5+1 • mode 4: 24 bits: the poly is (0x864CFB) X24+X23+X18+X17+X14+X11+X10+X7+X6+X5+X4+X3+X+1 • mode 5: 32 bits the poly is (0x04C011BB7 ) x32+x26+ x23+ x22+ x16+ x12+ x11+ x10+ x8+ x7+ x5+ x4+ x2+x+1. 802.15.4g compatible The initial state of the CRC polynomial is state to all 1b in all cases. 6.5.2 Manchester coding Manchester coding can be enabled for the Basic and STack packet formats only by setting to ‘1’ the MANCHESTER_EN register. Use of Manchester coding is exclusive with FEC and Three-out-of-six coding. When Manchester coding is enabled each bit ‘1’ is actually transmitted on air as a ‘10’ sequence while a bit ‘0’ is transmitted as a ‘01’ sequence. If enabled, Manchester encoding is applied to all bits following the SYNC word. S2-LPS Automatic packet filtering DS13831 - Rev 1 page 41/73 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |