| Electronic Components Datasheet Search |
|
S2-LPSCBQTR Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPSCBQTR Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 73 page ![]() 5 Operating modes The S2-LPS is provided with a built-in main controller which controls the switching between the two main operating modes: transmitter (TX) and receiver (RX), driven by SPI commands. In shutdown condition (the S2-LPS can be switched on/off with the external pin SDN), no internal supply is generated, and all stored data and configurations are lost. From shutdown, the S2-LPS can be switched on going to READY state, where the reference clock signal is available. From READY state, the S2-LPS can be moved to LOCK state to generate the high precision LO signal and then in TX or RX modes. Switching from RX to TX and vice versa can happen only by passing through the LOCK state. This operation is managed by the main controller through a single user command (TX or RX). At the end of the operations, the S2-LPS can return to READY state or can go to SLEEP state, having a very low power consumption. SLEEP state can be configured to retain the FIFOs content or not enabling very low power mode. If also no wake-up timer is required, the S2-LPS can be moved from READY to STANDBY state, which has the lowest possible current consumption. Figure 12. State diagram Three states: READY, STANDBY and LOCK may be defined as stable state. All other states are transient, which means that, in a typical configuration, the controller remains in those states, at most for any timeout timer duration. Also the READY and LOCK states behave as transients when they are not directly accessed with the specific commands (for example, when LOCK is temporarily used before reaching the TX or RX states). Table 41. States State code(1) State name Digital LDO SPI XTAL RF synth. Wake-up timer NA SHUTDOWN OFF Off Off Off Off 0x02 STANDBY ON On Off Off Off S2-LPS Operating modes DS13831 - Rev 1 page 35/73 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |