Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSCBQTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 14Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 15Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 16Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 17Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 18Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 19Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 20Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 21Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
4
Block description
4.1
Power management
The S2-LPS integrates a high efficiency step-down converter cascaded with LDOs meant to supply both analog
and digital parts. However, an LDO directly fed by the external battery provides a controlled voltage to the data
interface block.
S2-LPS’s power management (PM) strategy, besides the basic functionality of providing different blocks with
proper supplies, faces two main constraints: the first one is to implement such a power distribution with maximum
efficiency, and the second one is to guarantee the isolation among critical blocks.
The efficiency target is obtained by using a switch mode power supply (SMPS) which converts the battery voltage
(1.8 V - 3.6 V) to a lower voltage (settable from 1.2 V to 1.8 V) with efficiency higher than 90%.
The SMPS output voltage can be controlled by the SET_SMPS_LVL field in the PM_CONF0 register. The relation
between the SET_SMPS_LVL and the VOUT of the SMPS is given by the following table:
Table 28. SMPS output voltage
SET_SMPS_LVL
SMPS output voltage
001b
1.2 V
010b
1.3 V
011b
1.4 V
100b
1.5 V
101b
1.6 V
110b
1.7 V
111b
1.8 V
The SMPS output voltage can be controlled in TX only or for both RX and TX according to the SMPS_LVL_MODE
bit of the PM_CONF1 register.
•
1: SMPS output level depends upon the value in PM_CONFIG register just in TX state, while in RX state it is
fixed to 1.4 V.
•
0: SMPS output level depends upon the value written in the PM_CONFIG0 register (SET_SMPS_LEVEL
field) both in RX and TX state.
The SMPS switching frequency is settable by the 2 registers PM_CONF3 and PM_CONF2.
If the KRM_EN is 0, then the digital divider by 4 enabled. In this case SMPS' switching frequency is:
Fsw=fdig4
(3)
If the KRM_EN is 1, the SMPS' switching frequency can be set by the KRM word according to the formula:
Fsw=Krmfdig215
(4)
As
fdigisthedigitaldomainfrequency(fXOifitis26MHz).
All the RX measurements reported in this datasheet have been taken with a SMPS frequency set to 1.56 MHz.
From the formula reported with fdig = 25 MHz, PM_CONF3 = 0x87, PM_CONF2 = 0xFC, the Fsw is 1.56. It is
possible to have a little improvement of the sensitivity reducing the SMPS switching frequency but having as
drawback a higher current consumption.
The isolation target is reached by using, for each critical block, a dedicated linear low-dropout regulator (LDO),
which provides typically 1.2 V output voltage, either from battery level or from SMPS level, depending from the
operating mode.
If the output of the LDO is 1.2 V the minimum value of the SMPS, Vout must be at least 100 mV higher than the
Vout of the LDO. This means that in HPM (SMPS+LDO) the minimum value of the SMPS_VOUT must be 1.3 V.
S2-LPS
Block description
DS13831 - Rev 1
page 18/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com