Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSCBQTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 34Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 35Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 36Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 37Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 38Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 39Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 40Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 41Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
6
Packet handler engine
The S2-LPS offers a highly flexible and fully programmable packet handler (framer and de-framer) that build the
packet according to the user configuration settings. The packet types are available: BASIC format, and UART
over the air packet format.
WMBUS format is supported but it can be obtained using the proper features combination.
The RX packet handler is in charge of treating the raw bits produced by the demodulator. The main functions of
the RX packet handler are:
•
Detect a valid preamble
•
Detect a valid synchronization word and start-of-frame
•
Extract all packet fields according to the selected packet format
•
Calculate the local CRC and compare to the received one
The device supports 2 different packet formats. The current packet format is set by the PCK_FRMT field of the
PCKTCTRL3 register.
In particular:
•
0: Basic packet format
•
2: UART over the air packet format
6.1
BASIC packet format
The packet format BASIC is selected by writing 0b in the register PCK_FRMT. The packet frame is as follows:
Table 44. BASIC packet format
Preamble
Sync
Length
Address
Payload
CRC
Postamble
0:2046 bits
0:32 bits
0:2 bytes
0:1 bytes
0:65535 bytes
0:4 bytes
0:510 bits
•
Preamble: each preamble is a pair of ‘01’ or ‘10’ from 0 pair to 1023 pairs, programmed by the register
PREAMBLE_LENGTH. The binary sequences transmitted in the various modulation modes are summarized
in the following table (leftmost bit is transmitted first).
Table 45. Preamble field selection
PREAMBLE_SEL
2(G)FSK or OOK/ASK
0
0101
1
1010
2
1100
3
0011
S2-LPS
Packet handler engine
DS13831 - Rev 1
page 38/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com