| Electronic Components Datasheet Search |
|
S2-LPSCBQTR Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPSCBQTR Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 73 page ![]() 4.4.5.9 CS blanking The CS blanking feature prevents data to be received if the RSSI level on the air is below the RSSI threshold (set by the RSSI_TH field). The feature can be enabled through the CS_BLANKING bit in the ANT_SELECT_CONF register. 4.4.5.10 Antenna switching The device implements a switching based antenna diversity algorithm. The antenna switching function allows controlling an external switch in order to select the antenna providing the highest measured RSSI. The switching decision is based on a comparison between the received power level on antenna 1 and antenna 2 during the preamble reception controlling through GPIO an external RF switch in order to select the antenna providing the highest measured RSSI. When antenna switching is enabled, the two antennas are repeatedly switched during the reception of the preamble of each packet, until the carrier sense threshold is reached (static CS mode must be used). From this point on, the antenna with highest power is selected and switching is frozen. The switch control signal is available on GPIO and in the MC_STATE[1] register. The algorithm is controlled by the following parameters: • AS_MEAS_TIME: this register/parameter controls the time interval for RSSI measurement. The actual measurement time is done with the following formula. Antenna switching measurement time Tmeas=24∙2CHFLT_E∙2AS_MEAS_TIME fdig (15) In case of FSK modulation, the whole Tmeasisusedtoletthesignallevelsettleaftertheantennaswitchandone single measurement is taken at the end of such period. In case of OOK modulation, after one first interval equal to Tmeasagainusedtoletthesignallevelsettleafter the antenna switch, one second interval still equal to Tmeas,isusedtoperformapeakpowermeasurementand select the best antenna. • AS_ENABLE: this parameter enables the antenna switching function. 4.4.6 Transmitter The S2-LPS contains an integrated PA capable of transmitting at output levels programmable between -30 dBm to +14 dBm (+16 dBm in boost mode), at step of 0.5 dB. The PA is single-ended and has a dedicated pin (TXOUT). The PA output is ramped up and down to prevent unwanted spectral splatter. In TX mode the PA drives the signal generated by the frequency synthesizer out to the antenna terminal. Delivered power, as well as harmonic content, depends on the external impedance seen by the PA. It is possible to program TX to send an unmodulated carrier. The output stage is supplied from the SMPS through an external choke and is loaded with a LC-type network which has the function of transforming the impedance of the antenna and filter out the harmonics. The TX and RX pins are tied directly to share the antenna. During TX, the LNA inputs are internally shorted to ground to allow for the external network resonance, so minimizing the power loss due to the RX. 4.4.6.1 PA configuration The PA output power level is programmable in 0.5 dB steps. The user can store up to eight output levels to provide flexible PA power ramp-up and ramp-down at the start and end of a frequency modulation transmission as well as ASK modulation shaping. With the digital power-ramping enabled (PA_RAMP_EN = 1 in the PA_POWER0 register) the ramp starts from the minimum output power programmed and stops at the programmed maximum value, thus a maximum of 8 steps can be set up as shown in Figure 10. Output power ramping configuration. The interpolation factor ranges from 64 down to 1 depending on the actual data rate. The assumption is that output power monotonically decrease. Each step is held for a programmable time interval expressed in terms of bit period units (Tb/8), maximum value is 3 (which means 4×Tb/8=Tb/2). Therefore, the PA ramp may last up to 4 Tb (about 3.3 ms if the bit rate is 1.2 kbit/s). Tramp= PA_RAMP_STEP_LEN+1 × PA_LEVEL_MAX_IDX+1 8×DataRate (16) where DataRate is the transmission data rate expressed in symbols/s. S2-LPS Digital modulator DS13831 - Rev 1 page 31/73 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |