| Electronic Components Datasheet Search |
|
S2-LPSCBQTR Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPSCBQTR Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 73 page ![]() Table 34. Constellation mapping 2-(G)FSK Format Symbol CONST_MAP coding 0 1 2 3 2-(G)FSK 0 -FDEV NA +FDEV NA 1 +FDEV NA -FDEV NA Table 35. Constellation mapping 4-(G)FSK Format Symbol CONST_MAP coding 0 1 2 3 4-(G)FSK 00 -FDEV/3 -FDEV +FDEV/3 +FDEV 01 -FDEV -FDEV/3 +FDEV +FDEV/3 10 +FDEV/3 +FDEV -FDEV/3 -FDEV 11 +FDEV +FDEV/3 -FDEV -FDEV/3 Furthermore, in the 4-(G)FSK it is also possible to swap the symbols using the 4FSK_SYM_SWAP field (register PCKTCTRL3) as follows: (10) When 4FSK_SYM_SWAP = 0: S0 = <b7b6> S1 = <b5b4> S2 = <b3b2> S3 = <b1b0> When 4FSK_SYM_SWAP = 1 S0 = <b6b7> S1 = <b4b5> S2 = <b2b3> S3 = <b0b1> 4.4.1.1 Gaussian shaping In 2-GFSK or 4-GFSK mode, the Gaussian filter BT product can be set by using the register BT_SEL to 1 or 0.5. The Gaussian filtering is implemented by poly-phase filtering with eight taps per symbol time. In order to further smooth the filter shape and improve spectral shaping, the output of the filter can be linearly interpolated by setting the register MOD_INTERP_EN. A mathematical interpolation factor is applied at each sample of the Gaussian filter output. This factor is 64 for data rates corresponding to DATA_RATE_E < 5, it is automatically scaled as 64 2DATA_RATE_E−5for5≤ DATA_RATE_E < 11 and it is automatically disabled for DATA_RATE_E = 11. Note: The actual interpolation factor achieved may be limited by the minimal frequency resolution of the frequency synthesizer. 4.4.1.2 ISI cancellation 4-(G)FSK Since the 4-(G)FSK modulation format strongly suffers from the effect of inter symbol interference, an ISI cancellation equalizer has been introduced in the demodulator. An equalizer can be enabled, by using the EQU_CTRL register, with two modes: single pass equalization and dual pass equalization. The best performance is normally achieved using the dual pass equalizer. 4.4.2 Amplitude modulation Amplitude modulation OOK and ASK are both supported by the S2-LPS. The ASK selection depends on power ramping enable. When OOK is selected, a bit '1' is transmitted with a programmed power, set by register PA_POWER[PA_LEVEL_MAX_INDEX], and a bit '0' is transmitted without output power (PA off) and specified by the register PA_POWER[0]. S2-LPS Digital modulator DS13831 - Rev 1 page 23/73 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |