Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2-LPSCBQTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # S2-LPSCBQTR
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPSCBQTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button S2-LPSCBQTR Datasheet HTML 20Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 21Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 22Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 23Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 24Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 25Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 26Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 27Page - STMicroelectronics S2-LPSCBQTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
In case PA_POWER[0] = 0 then the modulation will be OOK, otherwise when PA_POWER[0] is not set to zero the
modulation will be ASK. The 0/1 mapping can be reversed by setting the CONST_MAP register to any value other
than zero.
When ASK is selected, a bit '1' is transmitted with a power ramp increasing from the minimum value specified
by register PA_POWER[0] to specified PA maximum level in register PA_POWER[PA_LEVEL_MAX_INDEX], vice
versa for a bit '0'. The duration of each power step is a multiple of 1/8 of the symbol time, configurable with the
register PA_RAMP_STEP_WIDTH. If more '1's are transmitted consecutively, the PA power maintains the output
power at the programmed value. If more '0's are transmitted consecutively, the PA power remains at minimum
power for all '0's following the first one.
In order to improve the spectral emission mask is ASK a digital interpolation optional features have been
implemented. When this feature is enabled, thought the register PA_INTERP_EN, the modulator linearly
interpolates the power values specified in the PA_POWER registers before being applied to the PA.
The interpolation factor of each ramp step is 64 time the data rate corresponding to DATA_RATE_E < 5 it is
automatically scaled as 64/2(DATA_RATE_E-5) for 5 ≤ DATA_RATE_E < 11 and it is automatically disabled for
DATA_RATE_E=11.
Note that the number of clock cycles between successive PA ticks, for DATA_RATE_E≥5, is always between 8
and 4 (8 for DATA_RATE_M=0; 4 for DATA_RATE_M=65535).
OOK/ASK demodulation is controlled by the OOK_PEAK_DECAY parameter ( recommended value is 3) in the
RSSI_FLT register.
4.4.2.1
OOK smoothing
The OOK can be smoothed using a FIR filter added in the data path. This feature is activated by setting the
FIR_EN bit at 1 inside register PA_CONFIG1.
The FIR filter is not fully customizable but it can be set in 3 different configurations that change the spectrum
shape (and thus the bandwidth):
•
filter: it is the proper FIR filtering function of the stream of bits 8 times oversampled;
•
ramp: the FIR filter is optimized to perform a ramping between PA_POWER_MAX and PA_POWER_0 (for
OOK should be set to 0).
•
switch: logic 1s and 0s are associated with a single value of power and no transition between the 2 is
envisaged.
When the FIR_EN bit is 1, the DIG_SMOOTH_EN (PA_POWER_0 register) must be set to 1.
Finally, a 2nd order Bessel analog filter can be used to smooth the output signal. The bandwidth of this filter
should be set according to the data rate used by setting the PA_FC field of the register PA_CONFIG0 according
to the following table:
Table 36. PA Bessel filter words
PA_FC bits
Cut-off frequency (kHz)
Max. data rate (kbit/s)
00
12.5
16
01
25
32
10
50
62.5
11
100
125
Note:
The FIR ramping modes are used in a mutually exclusive way with the digital ramping. When the digital ramping
is used, the FIR ramping should be disabled. Vice versa, if the FIR ramping is used, the digital one is not used.
4.4.3
Direct polar mode
The S2-LPS allows the user to drive the SYNTH and the PA at a very low level. The byte couples written in the
TX_FIFO are sampled with a rate related to the DATARATE chip setting (sampling rate = 8*DATARATE).
The first byte of the couple drives the frequency synthesizer to obtain an instantaneous output frequency
deviation given by the formula below:
Frequency deviation in polar mode
fdev=fdev_programmed*fdev_fifo_sample
128
(11)
S2-LPS
Digital modulator
DS13831 - Rev 1
page 24/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com