Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
37
Bus Signal Timing
Table 10 shows the PCMCIA port timing for the MPC860.
Figure 28 provides the PCMCIA output port timing for the MPC860.
Figure 28. PCMCIA Output Port Timing
Figure 29 provides the PCMCIA output port timing for the MPC860.
Figure 29. PCMCIA Input Port Timing
Table 10. PCMCIA Port Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P57
CLKOUT to OPx valid
—
19.00
—
19.00
—
19.00
—
19.00
ns
P58
HRESET negated to OPx drive1
1 OP2 and OP3 only.
25.73
—
21.75
—
18.00
—
14.36
—
ns
P59
IP_Xx valid to CLKOUT rising edge
5.00
—
5.00
—
5.00
—
5.00
—
ns
P60
CLKOUT rising edge to IP_Xx invalid
1.00
—
1.00
—
1.00
—
1.00
—
ns
CLKOUT
HRESET
Output
Signals
OP2, OP3
P57
P58
CLKOUT
Input
Signals
P59
P60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com