Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
69
FEC Electrical Characteristics
13.3
MII Async Inputs Signal Timing (MII_CRS, MII_COL)
Table 31 provides information on the MII async inputs signal timing.
Figure 74 shows the MII asynchronous inputs signal timing diagram.
Figure 74. MII Async Inputs Timing Diagram
13.4
MII Serial Management Channel Timing (MII_MDIO, MII_MDC)
Table 32 provides information on the MII serial management channel signal timing. The FEC functions
correctly with a maximum MDC frequency in excess of 2.5 MHz. The exact upper bound is under
investigation.
Table 31. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
MII_CRS, MII_COL minimum pulse width
1.5
—
MII_TX_CLK
period
Table 32. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
MII_MDC falling edge to MII_MDIO output invalid (minimum propagation
delay)
0—
ns
M11
MII_MDC falling edge to MII_MDIO output valid (max prop delay)
—
25
ns
M12
MII_MDIO (input) to MII_MDC rising edge setup
10
—
ns
M13
MII_MDIO (input) to MII_MDC rising edge hold
0
—
ns
M14
MII_MDC pulse width high
40%
60%
MII_MDC
period
M15
MII_MDC pulse width low
40%
60%
MII_MDC
period
MII_CRS, MII_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com