Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
59
CPM Electrical Characteristics
Figure 61. Ethernet Transmit Timing Diagram
Figure 62. CAM Interface Receive Start Timing Diagram
Figure 63. CAM Interface REJECT Timing Diagram
TCLK1
128
TxD1
(Output)
128
TENA(RTS1)
(Input)
Notes:
Transmit clock invert (TCI) bit in GSMR is set.
If RENA is deasserted before TENA, or RENA is not asserted at all during transmit, then the CSL bit is set in
the buffer descriptor at the end of the frame transmission.
1.
2.
RENA(CD1)
(Input)
133
134
132
131
121
129
(Note 2)
RCLK1
RxD1
(Input)
RSTRT
(Output)
0
136
125
1
1
BIT1
BIT2
Start Frame Delimiter
REJECT
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com