Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
12
Freescale Semiconductor
Thermal Calculation and Measurement
7
Thermal Calculation and Measurement
For the following discussions, PD = (VDD × IDD) + PI/O, where PI/O is the power dissipation of the I/O
drivers.
7.1
Estimation with Junction-to-Ambient Thermal Resistance
An estimation of the chip junction temperature, T
J, in ºC can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature (ºC)
RθJA = package junction-to-ambient thermal resistance (ºC/W)
PD = power dissipation in package
The junction-to-ambient thermal resistance is an industry standard value which provides a quick and easy
estimation of thermal performance. However, the answer is only an estimate; test cases have demonstrated
that errors of a factor of two (in the quantity TJ – TA) are possible.
7.2
Estimation with Junction-to-Case Thermal Resistance
Historically, the thermal resistance has frequently been expressed as the sum of a junction-to-case thermal
resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal environment to
affect the case-to-ambient thermal resistance, RθCA. For instance, the user can change the airflow around
the device, add a heat sink, change the mounting arrangement on the printed-circuit board, or change the
thermal dissipation on the printed-circuit board surrounding the device. This thermal model is most useful
for ceramic packages with heat sinks where some 90% of the heat flows through the case and the heat sink
to the ambient environment. For most packages, a better model is required.
7.3
Estimation with Junction-to-Board Thermal Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%) is a
two-resistor model consisting of a junction-to-board and a junction-to-case thermal resistance. The
junction-to-case thermal resistance covers the situation where a heat sink is used or where a substantial
amount of heat is dissipated from the top of the package. The junction-to-board thermal resistance
describes the thermal performance when most of the heat is conducted to the printed-circuit board. It has
been observed that the thermal performance of most plastic packages, especially PBGA packages, is
strongly dependent on the board temperature; see Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com