Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
68
Freescale Semiconductor
FEC Electrical Characteristics
13.2
MII Transmit Signal Timing (MII_TXD[3:0], MII_TX_EN,
MII_TX_ER, MII_TX_CLK)
The transmitter functions correctly up to a MII_TX_CLK maximum frequency of 25 MHz +1%. There is
no minimum frequency requirement. In addition, the processor clock frequency must exceed the
MII_TX_CLK frequency – 1%.
Table 30 provides information on the MII transmit signal timing.
Figure 73 shows the MII transmit signal timing diagram.
Figure 73. MII Transmit Signal Timing Diagram
Table 30. MII Transmit Signal Timing
Num
Characteristic
Min
Max
Unit
M5
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER invalid
5
—
ns
M6
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER valid
—
25
M7
MII_TX_CLK pulse width high
35
65%
MII_TX_CLK
period
M8
MII_TX_CLK pulse width low
35%
65%
MII_TX_CLK
period
M6
MII_TX_CLK (Input)
MII_TXD[3:0] (Outputs)
MII_TX_EN
MII_TX_ER
M5
M7
M8
RMII_REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com