Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
76
Freescale Semiconductor
Document Revision History
15 Document Revision History
Table 35 lists significant changes between revisions of this hardware specification.
Table 35. Document Revision History
Revision
Date
Changes
5.1
11/2001
• Revised template format, removed references to MAC functionality, changed Table 7
B23 max value @ 66 MHz from 2ns to 8ns, added this revision history table
6
10/2002
• Added the MPC855T. Corrected Figure 26 on page -36.
6.1
11/2002
• Corrected UTOPIA RXenb* and TXenb* timing values
• Changed incorrect usage of Vcc to Vdd
• Corrected dual port RAM to 8 Kbytes
6.2
8/2003
• Changed B28a through B28d and B29d to show that TRLX can be 0 or 1
• Changed reference documentation to reflect the Rev 2 MPC860 PowerQUICC Family
Users Manual
• Nontechnical reformatting
6.3
9/2003
• •Added Section 11.2 on the Port C interrupt pins
• •Nontechnical reformatting
7.0
9/2004
• Added a tablefootnote to Table 6 DC Electrical Specifications about meeting the VIL
Max of the I2C Standard
• Replaced the thermal characteristics in Table 4 by the ZQ package
• Add the new parts to the Ordering and Availablity Chart in Table 34
• Added the mechanical spec of the ZQ package in Figure 78
• Removed all of the old revisions from Table 5
8
08/2007
• Updated template.
• On page 1, added a second paragraph.
• After Table 2, inserted a new figure showing the undershoot/overshoot voltage
(Figure 1) and renumbered the rest of the figures.
•In Figure 3, changed all reference voltage measurement points from 0.2 and 0.8 V to
50% level.
•In Table 16, changed num 46 description to read, “TA assertion to rising edge ...”
•In Figure 46, changed TA to reflect the rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com