Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
57
CPM Electrical Characteristics
Figure 58. HDLC Bus Timing Diagram
11.8
Ethernet Electrical Specifications
Table 22 provides the Ethernet timings as shown in Figure 59 through Figure 63.
Table 22. Ethernet Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
120
CLSN width high
40
—
ns
121
RCLK1 rise/fall time
—
15
ns
122
RCLK1 width low
40
—
ns
123
RCLK1 clock period1
80
120
ns
124
RXD1 setup time
20
—
ns
125
RXD1 hold time
5
—
ns
126
RENA active delay (from RCLK1 rising edge of the last data bit)
10
—
ns
127
RENA width low
100
—
ns
128
TCLK1 rise/fall time
—
15
ns
129
TCLK1 width low
40
—
ns
130
TCLK1 clock period1
99
101
ns
131
TXD1 active delay (from TCLK1 rising edge)
10
50
ns
132
TXD1 inactive delay (from TCLK1 rising edge)
10
50
ns
133
TENA active delay (from TCLK1 rising edge)
10
50
ns
134
TENA inactive delay (from TCLK1 rising edge)
10
50
ns
TCLK1
CTS1
(Echo Input)
102
100
104
TxD1
(Output)
102
101
RTS1
(Output)
103
104
107
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com