Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855TCZQ50D4 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
19
Bus Signal Timing
B31a
CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B31b
CLKOUT rising edge to CS valid—as
requested by control bit CST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B31c
CLKOUT rising edge to CS valid—as
requested by control bit CST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B31d
CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B32
CLKOUT falling edge to BS valid—as
requested by control bit BST4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a
CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF = 0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32b
CLKOUT rising edge to BS valid—as
requested by control bit BST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c
CLKOUT rising edge to BS valid—as
requested by control bit BST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32d
CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B33
CLKOUT falling edge to GPL valid—as
requested by control bit GxT4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B33a
CLKOUT rising edge to GPL valid—as
requested by control bit GxT3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B34
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST4 in
the corresponding word in UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B34a
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST1 in
the corresponding word in UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B34b
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST2 in
the corresponding word in UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com