Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIVA128ZX Datasheet(PDF) 66 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 62Page - STMicroelectronics RIVA128ZX Datasheet HTML 63Page - STMicroelectronics RIVA128ZX Datasheet HTML 64Page - STMicroelectronics RIVA128ZX Datasheet HTML 65Page - STMicroelectronics RIVA128ZX Datasheet HTML 66Page - STMicroelectronics RIVA128ZX Datasheet HTML 67Page - STMicroelectronics RIVA128ZX Datasheet HTML 68Page - STMicroelectronics RIVA128ZX Datasheet HTML 69Page - STMicroelectronics RIVA128ZX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
66/85
NOTES
1
Blanking pedestals are not supported in TV output mode.
2
VREF = 1.235V, RSET = 147
Ω
3
LSB8 = 1 LSB of 8-bit resolution DAC
4
About the midpoint of the distribution of the three DACs
5
37.5ohm, 30pF load
6
10% to 90%
7
Settling to within 2% of full scale deflection
8
Monotonicity guaranteed
13.6 FREQUENCY SYNTHESIS CHARACTERISTICS
NOTE
1
A series resonant crystal should be connected to XTALIN
2
The pixel clock can be programmed to within 0.5% of any target frequency 10
≤ f
pixclk ≤ 250MHz
3
The maximum pixel clock frequency when the RIVA128ZX is displaying full motion video
Parameter
Min
Typ.
Max
Units
Notes
XTALIN crystal frequency range
4
15
MHz
1
Internal VCO frequency
128
256
MHz
Memory clock output frequency
100
MHz
Pixel clock output frequency
250
MHz
2
Pixel clock output frequency (video displayed)
110
MHz
3
Synthesizer lock time
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com