Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIVA128ZX Datasheet(PDF) 1 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 1 Page - STMicroelectronics

  RIVA128ZX Datasheet HTML 1Page - STMicroelectronics RIVA128ZX Datasheet HTML 2Page - STMicroelectronics RIVA128ZX Datasheet HTML 3Page - STMicroelectronics RIVA128ZX Datasheet HTML 4Page - STMicroelectronics RIVA128ZX Datasheet HTML 5Page - STMicroelectronics RIVA128ZX Datasheet HTML 6Page - STMicroelectronics RIVA128ZX Datasheet HTML 7Page - STMicroelectronics RIVA128ZX Datasheet HTML 8Page - STMicroelectronics RIVA128ZX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
PRELIMINARY DATA
®
RIVA 128ZX
™
1/85
The information in this datasheet is subject to change
7071857 00
June 1998
BLOCK DIAGRAM
Palette DAC
YUV - RGB,
Graphics Engine
128 bit 2D
Direct3D
8MByte
VGA
DMA Bus
CCIR656
Video
PCI/AGP
128 bit
interface
Monitor/
TV
1.6 GByte/s
Internal Bus
Bandwidth
DMA Engine
Video Port
X & Y scaler
Host
Interface
FIFO/
DMA
Pusher
DMA Engine
SDRAM/SGRAM
Interface
KEY FEATURES
• Fast 32-bit VGA/SVGA
• High performance 128-bit 2D/GUI/DirectDraw
Acceleration
• Interactive, Photorealistic Direct3D Accelera-
tion with advanced effects
• Pinout backwards compatible with RIVA 128
• Massive 1.6Gbytes/s, 100MHz 128-bit wide
8MByte SGRAM framebuffer interface
• Adds 16Mbit SDRAM support for cost sensitive
8MByte framebuffer applications
• Video Acceleration for DirectDraw/DirectVideo,
MPEG-1/2 and Indeo®
- Planar 4:2:0 and packed 4:2:2 Color Space
Conversion
- X and Y smooth up and down scaling
• 250MHz
Palette-DAC
supporting
up
to
1600x1200@85Hz
• NTSC and PAL output with flicker-filter
• Multi-function Video Port and serial interface
• Bus mastering DMA Accelerated Graphics Port
(AGP) 1.0 Interface supporting 133MHz 2X
data transfer mode
• Bus mastering DMA PCI 2.1 interface
• ACPI power management interface support
• 0.35 micron 5LM CMOS
• 300 PBGA
DESCRIPTION
The RIVA128ZX
™ offers unparalleled 2D and 3D
performance, meeting all the requirements of the
mainstream PC graphics market and Microsoft’s
PC’97. RIVA128ZX combines all the features of
RIVA 128 plus 8MByte SDRAM and SGRAM
based framestore support and AGP 2X data trans-
fer. It provides the most advanced Direct3D
™ ac-
celeration solution and delivers leadership VGA,
2D and Video performance, enabling a range of
applications from 3D games through to DVD, In-
tercast
™ and video conferencing.


Similar Part No. - RIVA128ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128 STMICROELECTRONICS-RIVA128 Datasheet
1Mb / 77P
RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
October 1997
More results

Similar Description - RIVA128ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RIVA128 STMICROELECTRONICS-RIVA128 Datasheet
1Mb / 77P
RIVA 128™ 128-BIT 3D MULTIMEDIA ACCELERATOR
October 1997
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CL-GD5446 CIRRUS-CL-GD5446 Datasheet
2Mb / 37P
64-bit VisualMedia Accelerator
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
Accelerator
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
logo
STMicroelectronics
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
AES 128-bit encryption hardware accelerator
11-Feb-2016
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
AES-128 bit encryption hardware accelerator
18-Mar-2016
STDP9310 STMICROELECTRONICS-STDP9310 Datasheet
204Kb / 10P
Athena ??Premium high resolution multimedia monitor controller with 3D video
17-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com