Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RIVA128ZX Datasheet(PDF) 8 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 4Page - STMicroelectronics RIVA128ZX Datasheet HTML 5Page - STMicroelectronics RIVA128ZX Datasheet HTML 6Page - STMicroelectronics RIVA128ZX Datasheet HTML 7Page - STMicroelectronics RIVA128ZX Datasheet HTML 8Page - STMicroelectronics RIVA128ZX Datasheet HTML 9Page - STMicroelectronics RIVA128ZX Datasheet HTML 10Page - STMicroelectronics RIVA128ZX Datasheet HTML 11Page - STMicroelectronics RIVA128ZX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
8/85
2.5
DEVICE ENABLE SIGNALS
2.6
DISPLAY INTERFACE
2.7
VIDEO DAC AND PLL ANALOG SIGNALS
2.8
POWER SUPPLY
Signal
I/O
Description
ROMCS#
O
Enables reads from an external 64Kx 8 or 32Kx8 ROM or Flash ROM. This signal is used
in conjunction with framebuffer data lines as described above in Section 2.3.
Signal
I/O
Description
SDA
I/O
Used for DDC2B+ monitor communication and interface to video decoder devices.
SCL
I/O
Used for DDC2B+ monitor communication and interface to video decoder devices.
VIDVSYNC
O
Vertical sync supplied to the display monitor. No buffering is required. In TV mode this sig-
nal supplies composite sync to an external PAL/NTSC encoder.
VIDHSYNC
O
Horizontal sync supplied to the display monitor. No buffering is required.
Signal
I/O
Description
RED,
GREEN,
BLUE
O
RGB display monitor outputs. These are software configur able to drive either a doubly ter-
minated or singly terminated 75
Ω load.
COMP
-
External compensation capacitor for the video DACs. This pin should be connected to
DACVDD via the compensation capacitor, see Figure 66, page 60.
RSET
-
A precision resistor placed between this pin and GND sets the full-scale video DAC cur-
rent, see Figure 66, page 60.
VREF
-
A capacitor should be placed between this pin and GND as shown in Figure 66, page 60.
XTALIN
I
A series resonant crystal is connected between these two points to provide the reference
clock for the internal MCLK and VCLK clock synthesizers, see Figure 66 and Table 20,
page 60. Alternately, an external LVTTL clock oscillator output may be driven into XTA-
LOUT, connecting XTALIN to GND. For designs supporting TV-out, XTALOUT should be
driven by a reference clock as described in Section 11.6, page 61.
XTALOUT
O
Signal
I/O
Description
DACVDD
P
Analog power supply for the video DACs.
PLLVDD
P
Analog power supply for all clock synthesizers.
VDD
P
Digital power supply.
GND
P
Ground.
MPCLAMP
P
MPCLAMP is connected to +5V to protect the 3.3V RIVA128ZX from external devices
which will potentially drive 5V signal levels onto the Video Port input pins.
HOSTVDD
P
HOSTVDD is connected to the Vddq 3.3 pins on the AGP connector. This is the supply
voltage for the I/O buffers and is isolated from the core VDD. On AGP designs these pins
are also connected to the HOSTCLAMP pins. On PCI designs they are connected to the
3.3V supply.
HOSTCLAMP
P
HOSTCLAMP is the supply signalling rail protection for the host interface. In AGP designs
these signals are connected to Vddq 3.3. For PCI designs they are connected to the I/O
power pins (V(I/O)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com