Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2RFZ-05-E. Datasheet HTML 1Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 2Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 3Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 4Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 5Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 6Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CSM_G2R-
_-S_(S)_DS_E_2_5
1
General-purpose Relay
G2R-
@-S (S)
Slim and Space-saving Power Plug-in Relay
■ Reduces wiring work by 60% when combined with the
P2RF-
@-PU Push-In Plus Socket
(according to actual OMRON measurements).
■ Lockable test button models available.
■ Built-in mechanical operation indicator.
■ Provided with nameplate.
■ AC type is equipped with a coil-disconnection self-diagnostic
function (LED type).
■ High switching power (1-pole: 10 A).
Model Number Structure
Model Number Legend
1. Number of Poles
1:
1 pole
2:
2 poles
2. Terminals
S:
Plug-in
3. Classification
Blank: General-purpose
N:
LED indicator
D:
Diode
ND:
LED indicator and diode
NI:
LED indicator with test button
NDI:
LED indicator and diode with test button
4. Rated Coil Voltage
5. Mechanical operation indicator and Nameplate
(S):
Models with mechanical operation indicator and Nameplate
Note: Contact your OMRON representative for Relays with gold-plated contacts.
LR
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
G2R -
-
12
3
4
5
S
(S)


Similar Part No. - P2RFZ-05-E.

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2RFZ-05-E OMRON-P2RFZ-05-E Datasheet
1Mb / 15P
Slim and Space-saving Power Plug-in Relay
P2RFZ-05-E OMRON-P2RFZ-05-E Datasheet
10Mb / 27P
A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
2019.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com