Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 5 Page - Omron Electronics LLC

  P2RFZ-05-E. Datasheet HTML 1Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 2Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 3Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 4Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 5Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 6Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
G2R-
@-S (S)
5
For Screw Terminal Sockets
Short Bars
Note: 1. Select an applicable type of short bars by checking applicable socket type, appearance, and dimensions.
2. Use the Short Bars for crossover wiring within one Socket or between Sockets.
3. Cannot be used on the P2RF-05, P2RF-08.
4. Use the short bars on the lower section of the socket.
When using the short bars on the upper section of the socket, insert them so that their heads are pointed upwards (see the figure below).
Otherwise, short bars may interfere with the socket, leading to improper wiring and contact failure.
* One set (order unit) contains 10 short bars and 20 caps.
Accessories for Short Bars (P2DN)
Cap
Applicable
sockets
Pitch
Appearance
Dimensions (mm)
Number
of poles
Insulation
color
Short Bars Model
Maximum
carry
current
Minimum
order
(set)
P2RFZ-05-E
P2RFZ-08-E
6.8
mm
20
Blue(S)
P2DN-6.8-100S
20 A
1
15.7
mm
10
P2DN-15.7-100S
P2RFZ-05
P2RFZ-08
8.5
mm
20
Blue(S)
P2DN-8.5-100S
20 A
1
19.4
mm
10
P2DN-19.4-100S
Short Bars Models
Appearance
Dimensions (mm)
Model
P2DN-8.5-100S
P2DN-19.4-100S
P2DN-6.8-100S
P2DN-15.7-100S
P2DN-CP100
2.9
2.5 max.
9
6.8±0.1
15.7±0.1
8.7 max.
152.7 max.
15.4 max.
15.7±0.1
2.9
9
2.5 max.
8.7 max.
15.4 max.
152.7 max.
3.4
8.5±0.1
19.4±0.1
2.5 max.
16.2 max.
10.7
8.7 max.
187.7 max.
19.4±0.1
2.5 max.
8.7 max.
16.2 max.
10.7
3.4
187.7 max.
P2RFZ Series
P2RFZ-E Series
Upper section
Lower section
5.2 max.
4 max.
6 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com