Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button P2RFZ-05-E. Datasheet HTML 12Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 16Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 17Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 18Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 19Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
G2R-
@-S (S)
Back-connecting Sockets
1
47
6
4.5
15
4
3.5
1.2
1.5
7
4
4
6
4.5
15
4
7
4
7
0.3
5
5
20
1
2.8
1.5
7.5
7.5
5
5
20
(4.3)
(5)
P2R-05P (1-pole)
14.5 max.
35.5 max.
Tolerance:
±0.1
Mounting Holes
(Bottom View)
P2R-08P (2-pole)
36.5 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
Eight, 1.3-dia. holes
Terminal Arrangement
(Bottom View)
Mounting Holes
(Bottom View)
Terminal Arrangement
(Bottom View)
Five,
1.6-dia.
holes
36.5 max.
4.5
1.2
0.3
6.7
3.8
16.7
5
6
1.2
0.3
5
5
20
2.8
2.6
7.5
13.6 0.1
30.5 0.2
1.5
7.5
7.5
6.5
P2R-05A (1-pole)
Panel Cutout
(Bottom View)
P2R-08A (2-pole)
Five, 3 x 1.8-dia. holes
36.5 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
36.5 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
Eight, 3 x 1.2-dia. holes
Terminal Arrangement
(Bottom View)
Recommended thickness of
the panel is 1.6 to 2.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com