Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P2RFZ-05-E. Datasheet HTML 9Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 10Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 11Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 12Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 16Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
G2R-
@-S (S)
13
Terminal Arrangement/
Internal Connection Diagram
(Top View)
39.5±0.1
10.5
78.5 max.
5-M3X8
61 max.
35.5
39.5
48 max.
2
(42.3)
(35.8)
31 max.
3.5-dia.
hole
16 max.
M3 or
3.5-dia.
hole
3.2-dia.hole
17.2
4
51
3
4
2
Mounting Hole
Dimensions
6
P2RFZ-05-E
78.5 max.
8-M3X8
3.5-dia.
hole
16 max.
4
2
61 max.
31 max.
17.2
48 max.
2
35.5
39.5
(42.3)
(35.8)
Terminal Arrangement/
Internal Connection Diagram
(Top View)
Mounting Hole
Dimensions
39.5±0.1
M3 or
3.5-dia.
hole
3.2-dia. hole
81
10.5
5
6
7
4
3
2
6
P2RFZ-08-E
P2RFZ-05
71.5 max.
4.2
19.5 max.
1
26.5 max.
4 dia.
5-M3.5×8
7
35.5
54 max.
39.5
30
13.8
1.5
2
1
5
4
3
4.2-dia. hole
M3 or 3.2-dia. hole
Recommended
mounting screw:
M3 × 16 mm or larger
30±0.1
9.5
Terminal Arrangement/
Internal Connection Diagram
(Top View)
Mounting Hole
Dimensions
P2RFZ-08
19.5 max.
1
4.2
1
71.5 max.
26.5 max.
35.5
30
13.8
54 max.
8-M3.5×8
7
4 dia.
39.5
1.5
2
7
1
8
5
4
6
3
4.2-dia. hole
M3 or 3.2-dia. hole
Recommended
mounting screw:
M3 × 16 mm or larger
30±0.1
9.5
Terminal Arrangement/
Internal Connection Diagram
(Top View)
Mounting Hole
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com