Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button P2RFZ-05-E. Datasheet HTML 10Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 11Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 12Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 16Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 17Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
G2R-
@-S (S)
P2RF-05
P2RF-08
7
4
2
35.5
19.5
30 0.05
7
4
2
35.5
19.5
30 0.05
Five, M3.5 x 8
19.5 max.
4-dia. holes
30 max.
54 max.
4.2-dia. hole
71.5 max.
19.5 max.
Eight, M3.5 x 8
4-dia. holes
30 max.
54 max.
4.2-dia. hole
Terminal Arrangement
(Top View)
Mounting Holes
(for Surface Mounting)
Terminal Arrangement
(Top View)
Mounting Holes
(for Surface Mounting)
71.5 max.
M3 or 3.2-dia.
hole
M3 or 3.2-dia.
hole
Recommended
mounting screw:
M3 × 16 mm or
larger
Recommended
mounting screw:
M3 × 16 mm or
larger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com