Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button P2RFZ-05-E. Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 9Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 10Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 11Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 12Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
G2R-
@-S (S)
11
Accessories (Order Separately)
Socket Characteristics
* The insulation resistance was measured with a 500-VDC insulation resistance meter at the same places as those used for measuring the
dielectric strength.
Model
Continuous
carry current
Dielectric strength
Insulation
resistance*
Remarks
P2RF-05-PU
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-08-PU
6 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2RFZ-05(-E)
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RFZ-08(-E)
6 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-05
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-08
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-05P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-057P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-087P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-05A
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08A
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com