| Electronic Components Datasheet Search |
|
P2RFZ-05-E. Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2RFZ-05-E. Datasheet(HTML) 3 Page - Omron Electronics LLC |
|
3 / 21 page ![]() G2R- @-S (S) 3 Accessories (Order Separately) Connecting Sockets Track/surface-mounting Socket *1. The applicable relay model is a plug-in terminal type. *2. There are screw mounting holes in the DIN hooks on the P2RF- @@-PU. Pull out the DIN hook tabs to mount the Sockets with screws. *3. Terminal cover type is P2CZ-Z. (Order Separately) For details, refer to the on page 6. *4. The finger-protection type (P2RFZ- @@-E) is a type in which the terminal cover is integrated into the socket. Round terminals cannot be used. Use forked terminals or ferrules instead. Applicable relay model*1 Mounting Method Conductive part protection Terminal Type Applicable crimp terminal/ Electric wire Exclusive short bar (Order Separately) Appearance Model G2R-1-S Mounted on a DIN track or with screws Available Push-In Plus Terminal Ferrules Solid wire Stranded wire Available P2RF-05-PU *2 Screw terminal (M3 screw size) Forked terminals Solid wire Stranded wire Available P2RFZ-05-E *4 Option (Terminal cover sold separately) *3 Screw terminal (M3.5 screw size) Round terminals Forked terminals Solid wire Stranded wire Available P2RFZ-05 None None P2RF-05 Scheduled to be unavailable to order at the end of March 2023 G2R-2-S Mounted on a DIN track or with screws Available Push-In Plus Terminal Ferrules Solid wire Stranded wire Available P2RF-08-PU *2 Screw terminal (M3 screw size) Forked terminals Solid wire Stranded wire Available P2RFZ-08-E *4 Option (Terminal cover sold separately) *3 Screw terminal (M3.5 screw size) Round terminals Forked terminals Solid wire Stranded wire Available P2RFZ-08 None None P2RF-08 Scheduled to be unavailable to order at the end of March 2023 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |