Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-05-E. Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # P2RFZ-05-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-05-E. Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button P2RFZ-05-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 9Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 10Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 11Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 12Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-05-E. Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
G2R-
@-S (S)
Track/Surface Mounting Sockets
Mounting Hole
Dimensions
Release lever
14
12
11
A1
A2
Terminal Arrangement/
Internal Connection Diagram
(Top View)
(5)
(2)
(4)
(3)
(1)
57.5
53.1
28.1
25.6
30.8
43
34.3
25.6
52.1
Insertion hole
for short bars
(coil)
Insertion hole
for short bars
(contact)
3.9
15.5
90
(4.2)
(4.2)
27.35
35.3
Two M3 screw
holes or
two 3.5-dia. holes
108
P2RF-05-PU
Note: Pull out the hooks to
mount the Socket
with screws.
Note: 1. The numbers in
parentheses are
traditionally used
terminal numbers.
2. Insert the short bar
into only the A1 or
A2 side.
Mounting Hole
Dimensions
Release lever
14
22
24
21
12
11
A1
A2
Terminal Arrangement/
Internal Connection Diagram
(Top View)
(8)
(2)
(4)
(3)
(7)
(5)
(6)
(1)
57.5
27.35
35.3
53.1
28.1
25.6
30.8
43
34.3
25.6
52.1
3.9
15.5
90
(4.2)
(4.2)
Insertion hole
for short bars
(coil)
Insertion hole
for short bars
(contact)
Two M3 screw
holes or
two 3.5-dia. holes
108
P2RF-08-PU
Note: Pull out the hooks to
mount the Socket
with screws.
Note: 1. The numbers in
parentheses are
traditionally used
terminal numbers.
2. Insert the short bar
into only the A1 or
A2 side.
Accessories for P2RF-
@-PU
Short Bars
PYDN-7.75-
@@ (7.75 mm)
PYDN-15.5-080
@ (15.5 mm)
3.90
L
1.57
2.25
12
18.5
3.90
1.57
2.25
12
18.5
115.85
* Replace the box (
@) in the model number with the code for the covering color.
Note: 1. Use the Short Bars for crossover wiring within one Socket or between Sockets.
2. When using short bar to coil terminals of PYF-
@@-PU, make sure to use PYDN-31.0-
080
@ (31 mm).
When using short bar to coil terminals of P2RF-
@@-PU, make sure to use PYDN-15.5-
080
@ (15.5 mm).
Application
Pitch
No. of
poles
L (Length)
Colors
Model *
Maximum
carry current
For Contact
terminals
(common)
7.75 mm
215.1
Red (R)
Blue (S)
Yellow (Y)
PYDN-7.75-020
@
20 A
3
22.85
PYDN-7.75-030
@
430.6
PYDN-7.75-040
@
20
154.6
PYDN-7.75-200
@
For Coil
terminals
15.5 mm
8
115.85
PYDN-15.5-080
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com