Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 431 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 431 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 428Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 429Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 430Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 431Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 432Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 433Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 434Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 435Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 437 page
background image
9 Absolute maximum ratings
Maximum ratings are the extreme limits to which the chip can be exposed for a limited amount of time
without permanently damaging it. Exposure to absolute maximum ratings for prolonged periods of time
may affect the reliability of the device.34
Note
Min.
Max.
Unit
Supply voltages
VDD
-0.3
+3.9
V
VDDH
-0.3
+5.8
V
VBUS
-0.3
+5.8
V
VSS
0
V
I/O pin voltage
VI/O, VDD ≤3.6 V
-0.3
VDD + 0.3
V
VI/O, VDD >3.6 V
-0.3
3.9
V
Environmental QFN40 package
Storage temperature
-40
+125
°C
MSL
Moisture Sensitivity Level
2
ESD HBM
Human Body Model
3
kV
ESD HBM Class
Human Body Model Class
2
ESD CDM
Charged Device Model
1
kV
Flash memory
Endurance
10 000
write/erase cycles
Retention at 85 °C
10
years
Retention at 105 °C
Limited to 1000 write/erase cycles
3
years
Retention at 105 °C-85 °C, execution split
Limited to 1000 write/erase cycles
75% execution time at 85 °C or less
6.7
years
Table 128: Absolute maximum ratings
34 For accellerated life time testing (HTOL, etc) supply voltage should not exceed the recommended
operating conditions max value, see Recommended operating conditions on page 430.
4463_156 v1.0
431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com