| Electronic Components Datasheet Search |
|
NRF52820-QDAA-R Datasheet(PDF) 129 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 129 Page - Nordic Semiconductor |
|
129 / 437 page ![]() Peripherals Note: The CPU can read the LATCH register at any time to check if a SENSE condition has been met on any of the GPIO pins. This is still valid if that condition is no longer met at the time the CPU queries the LATCH register. This mechanism will work even if the LDETECT signal is not used as the DETECT signal. The LDETECT signal is by default not connected to the GPIO port's DETECT signal, but via the DETECTMODE register. It is possible to change from default behavior to the DETECT signal that is derived directly from the LDETECT signal. See GPIO port and the GPIO pin details on page 128. The following figure illustrates the DETECT signal behavior for these two alternatives. PIN0.DETECT 1 PIN1.DETECT PIN31.DETECT DETECT (Default mode) DETECT (LDETECT mode) 3 4 2 LATCH.0 LATCH.1 LATCH.31 Figure 43: DETECT signal behavior A GPIO pin input buffer can be disconnected from the pin to enable power savings when the pin is not used as an input, see GPIO port and the GPIO pin details on page 128. Input buffers must be connected to get a valid input value in the IN register, and for the sense mechanism to get access to the pin. Other peripherals in the system can connect to GPIO pins and override their output value and configuration, or read their analog or digital input value. See GPIO port and the GPIO pin details on page 128. Selected pins also support analog input signals, see ANAIN in GPIO port and the GPIO pin details on page 128. The assignment of the analog pins can be found in Pin assignments on page 415. Note: When a pin is configured as digital input, increased current consumption occurs when the input voltage is between VIL and VIH. It is good practice to ensure that the external circuitry does not drive that pin to levels between VIL and VIH for a long period of time. 4463_156 v1.0 129 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |