Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 163 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 163 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 437 page
background image
Peripherals
RADIO
2.4 GHz
receiver
2.4 GHz
transmitter
RSSI
EasyDMA
Dewhitening
Whitening
IFS
control unit
CRC
CRC
Address
match
Bit counter
RAM
L
S0
Payload
S1
L
S0
S1
PACKETPTR
Packet
disassembler
Packet
assembler
Device
address
match
Packet synch
Payload
MAXLEN
ANT1
Figure 46: RADIO block diagram
The RADIO includes a device address match unit and an interframe spacing control unit that can be utilized
to simplify address whitelisting and interframe spacing respectively in Bluetooth® low energy and similar
applications.
The RADIO also includes a received signal strength indicator (RSSI) and a bit counter. The bit counter
generates events when a preconfigured number of bits are sent or received by the RADIO.
6.12.1 Packet configuration
A RADIO packet contains the fields PREAMBLE, ADDRESS, S0, LENGTH, S1, PAYLOAD, and CRC. For Long
Range (125 kbps and 500 kbps) Bluetooth® Low Energy modes, fields CI, TERM1, and TERM2 are also
included.
The content of a RADIO packet is illustrated in the figures below. The RADIO sends the fields in the packet
according to the order illustrated in the figures, starting on the left.
BASE
PREFIX
S0
LENGTH
S1
CRC
PAYLOAD
LSByte
MSByte
LSByte
ADDRESS
0x55
0xAA
PREAMBLE
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
Figure 47: On-air packet layout
BASE
PREFIX
S0
LENGTH
S1
CRC
PAYLOAD
LSByte
MSByte
LSByte
ADDRESS
PREAMBLE
TERM
2
TERM1
CI
Figure 48: On-air packet layout for Long Range (125 kbps and 500 kbps) Bluetooth® Low Energy modes
Not shown in the figures is the static payload add-on (the length of which is defined in PCNF1.STATLEN,
and which is 0 bytes in a standard BLE packet). The static payload add-on is sent between PAYLOAD and
CRC fields. The RADIO sends the different fields in the packet in the order they are illustrated above, from
left to right.
PREAMBLE is sent with least significant bit first on air. The size of the PREAMBLE depends on the mode
selected in the MODE register:
• The PREAMBLE is one byte for MODE = Ble_1Mbit as well as all Nordic proprietary operating modes
(MODE = Nrf_1Mbit and MODE = Nrf_2Mbit), and PCNF0.PLEN has to be set accordingly. If the first bit
of the ADDRESS is 0, the preamble will be set to 0xAA. Otherwise the PREAMBLE will be set to 0x55.
4463_156 v1.0
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com