| Electronic Components Datasheet Search |
|
NRF52820-QDAA-R Datasheet(PDF) 166 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 166 Page - Nordic Semiconductor |
|
166 / 437 page ![]() Peripherals 6.12.5 Radio states Tasks and events are used to control the operating state of RADIO. RADIO can enter the states described in the following table. State Description DISABLED No operations are going on inside the RADIO and the power consumption is at a minimum RXRU RADIO is ramping up and preparing for reception RXIDLE RADIO is ready for reception to start RX Reception has been started and the addresses enabled in the RXADDRESSES register are being monitored TXRU RADIO is ramping up and preparing for transmission TXIDLE RADIO is ready for transmission to start TX RADIO is transmitting a packet RXDISABLE RADIO is disabling the receiver TXDISABLE RADIO is disabling the transmitter Table 54: RADIO state diagram A state diagram showing an overview of RADIO is shown in the following figure. DISABLED TXRU TXIDLE TX Ramp-up complete / READY START Packet sent / END Address sent / ADDRESS Payload sent [payload length >=0] / PAYLOAD RXRU RXIDLE RX Ramp-up complete / READY START Packet received / END Address received [Address match] / ADDRESS Payload received [payload length >=0] / PAYLOAD RXDISABLE / DISABLED TXDISABLE / DISABLED STOP STOP Last bit sent / PHYEND TXEN RXEN DISABLE DISABLE TXEN Last bit received / PHYEND Figure 52: Radio states This figure shows how the tasks and events relate to the RADIO's operation. The RADIO does not prevent a task from being triggered from the wrong state. If a task is triggered from the wrong state, for example if the RXEN task is triggered from the RXDISABLE state, this may lead to incorrect behavior. The PAYLOAD event is always generated even if the payload is zero. The END to START shortcut should not be used with IEEE 802.15.4 250 kbps mode. Use the PHYEND to START shortcut instead. The END to START shortcut should not be used with Long Range (125 kbps and 500 kbps) Bluetooth® Low Energy modes. Use the PHYEND to START shortcut instead. 6.12.6 Transmit sequence Before the RADIO is able to transmit a packet, it must first ramp-up in TX mode. See TXRU in Radio states on page 166 and Transmit sequence on page 167. A TXRU ramp-up sequence is initiated when the TXEN task is triggered. After the RADIO has successfully ramped up it will generate the READY event 4463_156 v1.0 166 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |