Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 168 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 168 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 172Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 437 page
background image
Peripherals
TXRU
3
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
A
S0 L S1
PAYLOAD
CRC
P
TX
2
(carrier)
(carrier)
TXIDLE
Figure 55: Transmission of multiple packets
6.12.7 Receive sequence
Before RADIO is able to receive a packet, it must first ramp up in RX mode. See RXRU in Radio states on
page 166 and Receive sequence on page 168 for more information.
An RXRU ramp up sequence is initiated when the RXEN task is triggered. After RADIO has successfully
ramped up it will generate the READY event indicating that a packet reception can be initiated. A packet
reception is initiated by triggering the START task. As illustrated in Radio states on page 166, the START
task can first be triggered after RADIO has entered into the RXIDLE state.
The following figure shows a single packet reception where the CPU manually triggers the different
tasks needed to control the flow of RADIO, i.e. no shortcuts are used. If shortcuts are not used, a certain
amount of delay caused by CPU execution is expected between READY and START, and between END and
DISABLE. RADIO will be listening and possibly receiving undefined data, represented with an 'X', from
START and until a packet with valid preamble (P) is received.
RXRU
3
1
2
RXIDLE
A
S0 L S1
PAYLOAD
CRC
P
RX
RXIDLE
RXDISABLE
’X’
Figure 56: Receive sequence
The following figure shows a modified version of the receive sequence, where RADIO is configured to
use shortcuts between READY and START, and between END and DISABLE, which means that no delay is
introduced.
4463_156 v1.0
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com