Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 323 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 323 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 327Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 437 page
background image
Peripherals
Figure 119: TWIM timing diagram, 1 byte transaction
6.22.9 Pullup resistor
R [kΩ]
30
25
20
15
10
5
0
cap [pF]
0
100
200
300
400
500
400 kbps
100 kbps
Figure 120: Recommended TWIM pullup value vs. line capacitance
• The I2C specification allows a line capacitance of 400 pF at most.
• The value of internal pullup resistor (RPU) for nRF52820 can be found in GPIO — General purpose
input/output on page 127.
6.23 TWIS — I2C compatible two-wire interface slave
with EasyDMA
TWI slave with EasyDMA (TWIS) is compatible with I2C operating at 100 kHz and 400 kHz. The TWI
transmitter and receiver implement EasyDMA.
TXD
(signal)
PSEL.SDA
PSEL.SCK
PSEL.SDA
RXD
(signal)
WRITE
SUSPEND
RESUME
RAM
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
RXD+2
RXD+n
RXD+1
RXD
TXD+2
TXD+n
TXD+1
TXD
READ
STOPPED
PREPARETX
PREPARERX
Figure 121: TWI slave with EasyDMA
4463_156 v1.0
323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com