Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 341 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 341 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 337Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 339Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 344Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 345Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 437 page
background image
Peripherals
To secure correct signal levels on the pins by the UART when the system is in OFF mode, the pins must be
configured in the GPIO peripheral as described in Pin configuration on page 340.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
UART pin
Direction
Output value
RXD
Input
Not applicable
CTS
Input
Not applicable
RTS
Output
1
TXD
Output
1
Table 102: GPIO configuration
6.24.3 Shared resources
The UART shares registers and resources with other peripherals that have the same ID as the UART.
All peripherals with the same ID as the UART must be disabled before configuring and using the UART.
Disabling a peripheral that has the same ID as the UART will not reset any of the registers that are shared
with the UART. It is therefore important to configure all relevant UART registers explicitly to ensure that it
operates correctly.
See Instantiation on page 18 for details on peripherals and their IDs.
6.24.4 Transmission
A UART transmission sequence is started by triggering the STARTTX task.
Bytes are transmitted by writing to the TXD register. When a byte has been successfully transmitted, the
UART will generate a TXDRDY event after which a new byte can be written to the TXD register. A UART
transmission sequence is stopped immediately by triggering the STOPTX task.
If flow control is enabled, a transmission will be automatically suspended when CTS is deactivated, and
resumed when CTS is activated again, as shown in the following figure. A byte that is in transmission when
CTS is deactivated will be fully transmitted before the transmission is suspended. For more information,
see Suspending the UART on page 342.
1
5
6
2
3
0
1
2
N-1
5
N-2
N
Figure 129: UART transmission
4463_156 v1.0
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com