| Electronic Components Datasheet Search |
|
NRF52820-QDAA-R Datasheet(PDF) 372 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 372 Page - Nordic Semiconductor |
|
372 / 437 page ![]() Peripherals Attached Powered USB power lost USB power applied Default Address Configured Suspended Suspended Suspended Suspended USB reset Address assigned Device configured Momentary power interruption USB reset Device deconfigured Bus inactive Bus activity Bus inactive Bus activity Bus inactive Bus activity Bus inactive Bus activity Figure 136: Device state diagram The device must change state according to host-initiated traffic and USB bus states. It is up to the software to implement a state machine that matches the above definition. To detect the presence or absence of USB supply (VBUS), two events USBDETECTED and USBREMOVED can be used to implement the state machine. For more details on these events, see USB supply on page 54. As a general rule when implementing the software, the host behavior shall never be assumed to be predictable. In particular the sequence of commands received during an enumeration. The software shall always react to the current bus conditions or commands sent by the host. 6.26.2 USB terminology The USB specification defines bus states, rather than logic levels on the D+ and D- lines. For a full speed device, the bus state where the D+ line is high and the D- line is low is defined as the J state. The bus state where D+ is low and D- high is called the K state. An idle bus, where D+ and D- lines are only polarized through the pull-up on D+ and pull-downs on the host side, will be in J state. Both lines low are called SE0 (single-ended 0), and both lines high SE1 (single-ended 1). 4463_156 v1.0 372 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |