Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 115Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 116Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 117Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 118Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 119Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 120Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 121Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 122Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 186 page
background image
ST10F280
119/186
Multiple CAN Bus
The ST10F280 provides 2 CAN interfaces to
support the kind of bus configuration shown in
Figure 61.
15.3 - Register and Message Object
Organization
All registers and message objects of the CAN
controller are located in the special CAN address
area of 256 bytes, which is mapped into segment
0
and
uses
addresses
00’EE00h
through
00’EFFFh. All registers are organized as 16 bit
registers, located on word addresses. However, all
registers may be accessed byte wise in order to
select special actions without effecting other
mechanisms.
Note The address map shown in Figure 62 lists
the registers which are part of the CAN
controller.
There
are
also
ST10F280
specific registers that are associated with
the CAN Module. These registers, however,
control the access to the CAN Module
rather than its function.
Figure 62 : CAN Module Address Map
Figure 61 : Connection to Two Different CAN
Buses (e.g. for gateway application)
CAN1
RxD TxD
CAN2
RxD TxD
CAN
Transceiver
CAN
Transceiver
CAN_H
CAN_H
CAN
CAN
bus 2
bus 1
EF00h/EE00h
EF02h/EE02h
EF04h/EE04h
EF06h/EE06h
EF08h/EE08h
EF0Ch/EE0Ch
Message Object 15
Message Object 14
Message Object 13
Message Object 12
Message Object 11
Message Object 10
Message Object 9
Message Object 8
Message Object 7
Message Object 6
Message Object 5
Message Object 4
Message Object 3
Message Object 2
Message Object 1
General Registers
CAN Address Area
General Registers
EF00h
EF10h
EF20h
EF30h
EF40h
EF50h
EF60h
EF70h
EF80h
EF90h
EFA0h
EFB0h
EFC0h
EFD0h
EFE0h
EFF0h
Control / Status
Register
Interrupt
Register
Bit Timing
Register
Global Mask
Short
Global Mask
Long
Mask of
Last Message
EE00h
EE10h
EE20h
EE30h
EE40h
EE50h
EE60h
EE70h
EE80h
EE90h
EEA0h
EEB0h
EEC0h
EED0h
EEE0h
EEF0h
CAN1
CAN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com