Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 119Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 120Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 121Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 122Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 123Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 124Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 125Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 126Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 186 page
background image
ST10F280
123/186
Bit Timing Register (EF04h/EE04h)
XReg
ResetValue:UUUUh
Note This register can only be written, if the
configuration change enable bit (CCE) is
set.
Mask Registers
Messages
can
use
standard
or
extended
identifiers. Incoming frames are masked with their
appropriate global masks. Bit IDE of the incoming
message determines whether the standard 11 bit
mask in Global Mask Short or the 29 bit extended
mask in Global Mask Long is to be used. Bit
holding a “0” mean “don’t care”, so do not
compare the message’s identifier in the respective
bit position.
The last message object (15) has an additional
individually
programmable
acceptance
mask
(Mask
of
Last
Message)
for
the
complete
arbitration field. This allows classes of messages
to be received in this object by masking some bits
of the identifier.
Note The Mask of Last Message is ANDed with
the Global Mask that corresponds to the
incoming message.
Global Mask Short (EF06h/EE06h)
XReg
Reset Value: UFUUh
Upper Global Mask Long (EF08h/EE08h)
XReg
Reset Value: UUUUh
15
14
13
12
11
10
9876543210
0
TSEG2
TSEG1
SJW
BRP
RRW
RW
RW
RW
Bit
Function
BRP
Baud Rate Prescaler
For generating the bit time quanta the CPU frequency is divided by 2 x (BRP+1).
SJW
(Re)Synchronization Jump Width
Adjust the bit time by maximum (SJW+1) time quanta for re-synchronization.
TSEG1
Time Segment before sample point
There are (TSEG1+1) time quanta before the sample point. Valid values for TSEG1 are “2...15”.
TSEG2
Time Segment after sample point
There are (TSEG2+1) time quanta after the sample point. Valid values for TSEG2 are “1...7”.
15
14
13
12
11
10
9876543210
ID20...18
11111
ID28...21
RW
RRRRR
RW
Bit
Function
ID28...18
Identifier (11 Bit)
Mask to filter incoming messages with standard identifier.
15
14
13
12
11
10
9876543210
ID20...13
ID28...21
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com