Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 120Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 121Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 122Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 123Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 124Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 125Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 126Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 127Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 186 page
background image
ST10F280
124/186
Lower Global Mask Long (EF0Ah/EE0Ah)
XReg
Reset Value: UUUUh
Upper Mask of Last Message (EF0Ch/EE0Ch) XReg
Reset Value: UUUUh
Lower Mask of Last Message (EF0Eh/EE0Eh) XReg
Reset Value: UUUUh
15.5 - The Message Object
The message object is the primary means of
communication between CPU and CAN controller.
Each of the 15 message objects uses 15
consecutive bytes (see Figure 64) and starts at an
address that is a multiple of 16.
Note All message objects must be initialized by
the CPU, even those which are not going to
be used, before clearing the INIT bit.
Each element of the Message Control Register is
made of two complementary bits.
This special mechanism allows the selective
setting or resetting of specific elements (leaving
others
unchanged)
without
requiring
read-modify-write cycles. None of these elements
will be affected by reset.
The Table 29 shows how to use and to interpret
these 2 bit-fields.
15
14
13
12
11
10
9876543210
ID4...0
0
0
0
ID12...5
RW
R
R
R
RW
Bit
Function
ID28...0
Identifier (29 bit)
Mask to filter incoming messages with extended identifier.
15
14
13
12
11
10
9876543210
ID20...18
ID17...13
ID28...21
RW
RW
RW
15
14
13
12
11
10
9876543210
ID4...0
0
0
0
ID12...5
RW
R
R
R
RW
Bit
Function
ID28...0
Identifier (29 bit)
Mask to filter the last incoming message (Nr. 15) with standard or extended identifier (as configured).
Figure 64 : Message Object Address Map
Message Control
Arbitration
Message Config.
+0
+2
+4
+6
+8
+10
+12
+14
Object Start Address
Data0
Reserved
Data1
Data2
Data3
Data4
Data5
Data6
Data7
Table 29 : Functions of Complementary Bit of Message Control Register
Value
Function on Write
Meaning on Read
00
Reserved
Reserved
01
Reset element
Element is reset
10
Set element
Element is set
11
Leave element unchanged
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com