Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 124Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 125Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 126Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 127Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 128Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 129Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 130Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 131Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 186 page
background image
ST10F280
128/186
The PONR flag of WDTCON register is set if the output voltage of the internal 3.3V supply falls below the
threshold (typically 2V) of the power-on detection circuit. This circuit is efficient to detect major failures of
the external 5V supply but if the internal 3.3V supply does not drop under 2 volts, the PONR flag is not
set. This could be the case on fast switch-off / switch-on of the 5V supply. The time needed for such a
sequence to activate the PONR flag depends on the value of the capacitors connected to the supply and
on the exact value of the internal threshold of the detection circuit.
Notes: 1. PONR bit may not be set for short supply failure.
2. For power-on reset and reset after supply partial failure, asynchronous reset must be used.
In case of bi-directional reset is enabled, and if the RSTIN pin is latched low after the end of the internal
reset sequence, then a Short hardware reset, a software reset or a watchdog reset will trigger a Long
hardware reset. Thus, Reset Indications flags will be set to indicate a Long Hardware Reset.
The Watchdog Timer is 16-bit, clocked with the system clock divided by 2 or 128. The high Byte of the
watchdog timer register can be set to a pre-specified reload value (stored in WDTREL).
Each time it is serviced by the application software, the high byte of the watchdog timer is reloaded. For
security, rewrite WDTCON each time before the watchdog timer is serviced
The Table 31 shows the watchdog time range for 40MHz CPU clock.
The watchdog timer period is calculated with the following formula:
Table 30 : WDTCON Bits Value on Different Resets
Reset Source
PONR
LHWR
SHWR
SWR
WDTR
Power On Reset
X
X
X
X
Power on after partial supply failure
1
X
X
X
Long Hardware Reset
X
X
X
Short Hardware Reset
X
X
Software Reset
X
Watchdog Reset
XX
Table 31 : WDTREL Reload Value
Reload value in WDTREL
Prescaler for fCPU = 40MHz
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
12.8
µs
819.2ms
00h
3.276ms
209.7ms
P
WD T
1
f
CPU
---------------
512
×
1W DT IN
] 63 )
256
W DT REL
])
[
–
(
×
×
[
+
(
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com