Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 125Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 126Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 127Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 128Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 129Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 130Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 131Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 132Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 186 page
background image
ST10F280
129/186
17 - SYSTEM RESET
System reset initializes the MCU in a predefined
state. There are five ways to activate a reset state.
The system start-up configuration is different for
each case as shown in Table 32.
17.1 - Asynchronous Reset (Long Hardware Reset)
An asynchronous reset is triggered when RSTIN pin
is pulled low while RPD pin is at low level. Then the
MCU is immediately forced in reset default state. It
pulls low RSTOUT pin, it cancels pending internal
hold states if any, it waits for any internal access
cycles to finish, it aborts external bus cycle, it
switches buses (data, address and control signals)
and I/O pin drivers to high-impedance, it pulls high
PORT0 pins and the reset sequence starts.
Power-on reset
The asynchronous reset must be used during the
power-on of the MCU. Depending on crystal fre-
quency, the on-chip oscillator needs about 10ms to
50ms to stabilize. The logic of the MCU does not
need a stabilized clock signal to detect an asyn-
chronous reset, so it is suitable for power-on condi-
tions. To ensure a proper reset sequence, the
RSTIN pin and the RPD pin must be held at low
level until the MCU clock signal is stabilized and the
system configuration value on PORT0 is settled.
Hardware reset
The asynchronous reset must be used to recover
from catastrophic situations of the application. It
may be triggerred by the hardware of the applica-
tion. Internal hardware logic and application cir-
cuitry are described in Reset circuitry chapter and
Figures Figure 68 :, Figure 69 : and Figure 70 :.
Exit of asynchronous reset state
When the RSTIN pin is pulled high, the MCU
restarts. The system configuration is latched from
PORT0 and ALE, RD and R/W pins are driven to
their inactive level. The MCU starts program
execution from memory location 00'0000h in code
segment 0. This starting location will typically
point to the general initialization routine. Timing of
asynchronous reset sequence are summarized in
Figure 65.
Note: 1. RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL) .
Table 32 : Reset Event Definition
Reset Source
Short-cut
Conditions
Power-on reset
PONR
Power-on
Long Hardware reset (synchronous & asynchronous)
LHWR
t RSTIN > 1032 TCL
Short Hardware reset (synchronous reset)
SHWR
4 TCL < t RSTIN < 1032 TCL
Watchdog Timer reset
WDTR
WDT overflow
Software reset
SWR
SRST execution
Figure 65 : Asynchronous Reset Timing
6 TCL or 8 TCL1
CPU Clock
RSTIN
Asynchronous
Reset Condition
RPD
RSTOUT
ALE
PORT0
Reset Configuration
INST #1
Internal
Reset
Signal
Latching point of PORT0
for system start-up
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com