Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 126Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 127Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 128Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 129Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 130Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 131Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 132Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 133Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 186 page
background image
130/186
ST10F280
17.2 - Synchronous Reset (Warm Reset)
A synchronous reset is triggered when RSTIN pin
is pulled low while RPD pin is at high level. In
order to properly activate the internal reset logic of
the MCU, the RSTIN pin must be held low, at least,
during 4 TCL (2 periods of CPU clock). The I/O
pins are set to high impedance and RSTOUT pin is
driven low. After RSTIN level is detected, a short
duration of 12 TCL (approximately 6 periods of
CPU clock) elapes, during which pending internal
hold states are cancelled and the current internal
access cycle if any is completed. External bus
cycle is aborted. The internal pull-down of RSTIN
pin is activated if bit BDRSTEN of
SYSCON
register was previously set by software. This bit is
always cleared on power-on or after a reset
sequence.
Exit of synchronous reset state
The internal reset sequence starts for 1024 TCL
(512 periods of CPU clock) and RSTIN pin level is
sampled. The reset sequence is extended until
RSTIN level becomes high. Then, the MCU
restarts. The system configuration is latched from
PORT0 and ALE, RD and R/W pins are driven to
their inactive level. The MCU starts program
execution from memory location 00'0000h in code
segment 0. This starting location will typically
point to the general initialization routine. Timing of
synchronous reset sequence are summarized in
Figure 66 and Figure 67.
Notes: 1. RSTIN assertion can be released there.
2. If during the reset condition (RSTIN low), VRPD voltage drops below the threshold voltage (about 2.5V for 5V operation), the
asynchronous reset is then immediately entered.
3. RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
4) RSTIN pin is pulled low if bit BDRSTEN (bit 5 of SYSCON register) was previously set by software. Bit BDRSTEN is cleared after
reset.
Figure 66 : Synchronous Warm Reset (Short low pulse on RSTIN)
CPU Clock
RSTIN
RPD
RSTOUT
ALE
PORT0
INST #1
Internal
Reset
Signal
Latching point of PORT0
for system start-up configuration
6 or 8 TCL3
4 TCL
12 TCL
min.
max.
1024 TCL
1
Internally pulled low4
Reset Configuration
VRPD > 2.5V Asynchronous Reset not entered.
200
µA Discharge
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com