Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 132Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 133Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 134Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 135Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 136Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 137Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 138Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 139Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 186 page
background image
ST10F280
136/186
18.2.1 - Protected Power Down Mode
This mode is selected by clearing the bit PWD-
CFG in register SYSCON to ‘0’.
In this mode, the Power Down mode can only be
entered if the NMI (Non Maskable Interrupt) pin is
externally pulled low while the PWRDN instruction
is executed.
This feature can be used in conjunction with an
external power failure signal which pulls the NMI
pin low when a power failure is imminent. The
microcontroller will enter the NMI trap routine
which can save the internal state into RAM. After
the internal state has been saved, the trap routine
may set a flag or write a certain bit pattern into
specific RAM locations, and then execute the
PWRDN instruction. If the NMI pin is still low at
this time, Power Down mode will be entered, oth-
erwise
program execution
continues.
During
power down the voltage delivered by the on-chip
voltage regulator automatically lowers the internal
logic supply down to 2.5 V, saving the power while
the contents of the internal RAM and all registers
will still be preserved.
Exiting Power Down Mode
In this mode, the only way to exit Power Down
mode is with an external hardware reset.
The initialization routine (executed upon reset)
can check the identification flag or bit pattern
within RAM to determine whether the controller
was initially switched on, or whether it was prop-
erly restarted from Power Down mode.
18.2.2 - Interruptable Power Down Mode
This mode is selected by setting the bit bit PWD-
CFG in register SYSCON to ‘1’.
In this mode, the Power Down mode can be
entered if enabled Fast External Interrupt pins
(EXxIN pins, alternate functions of Port 2 pins,
with x = 7...0) are in their inactive level. This inac-
tive level is configured with the EXIxES bit field in
the EXICON register, as follow:
EXICON (F1C0h / E0h)
ESFR
Reset Value: 0000h
15
14
13
12
11
10
9876543210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
EXIxES
(x=7...0)
00
01
10
11
External Interrupt x Edge Selection Field (x=7...0)
Fast external interrupts disabled: standard mode
EXxIN pin not taken in account for entering/exiting Power Down mode.
Interrupt on positive edge (rising)
Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as ‘high’ active level)
Interrupt on negative edge (falling)
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as ‘low’ active level)
Interrupt on any edge (rising or falling)
Always enter Power Down mode, exit if EXxIN level changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com