Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 133Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 134Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 135Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 136Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 137Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 138Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 139Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 140Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 186 page
background image
ST10F280
137/186
Exiting Power Down Mode
When Power Down mode is entered, the CPU and
peripheral clocks are frozen, and the oscillator
and PLL are stopped. Power Down mode can be
exited by either asserting RSTIN or one of the
enabled EXxIN pin (Fast External Interrupt).
RSTIN must be held low until the oscillator and
PLL have stabilized.
EXxIN inputs are normally sampled interrupt
inputs. However, the Power Down mode circuitry
uses them as level-sensitive inputs. An EXxIN (x =
7...0) Interrupt Enable bit (bit CCxIE in respective
CCxIC register) need not to be set to bring the
device out of Power Down mode. An external RC
circuit must be connected, as shown in the follow-
ing figure:
To exit Power Down mode with external interrupt,
an EXxIN pin has to be asserted for at least 40 ns
(x = 7...0). This signal enables the internal oscilla-
tor and PLL circuitry, and also turns on the weak
pull-down (see following figure). The discharging
of the external capacitor provides a delay that
allows the oscillator and PLL circuits to stabilize
before the internal CPU and Peripheral clocks are
enabled. When the Vpp voltage drops below the
threshold voltage (about 2.5 V), the Schmitt trig-
ger clears Q2 flip-flop, thus enabling the CPU and
Peripheral clocks, and the device resumes code
execution.
If the Interrupt was enabled (bit CCxIE=’1’ in the
respective CCxIC register) before entering Power
Down mode, the device executes the interrupt ser-
vice routine, and then resumes execution after the
PWRDN intruction (see note below). If the inter-
rupt was disabled, the device executes the
instruction following PWRDN instruction, and the
Interrupt Request Flag (bit CCxIR in the respec-
tive CCxIC register) remains set until it is cleared
by software.
Note: Due to internal pipeline, the instruction that
follows the PWRDN intruction is executed
before the CPU performs a call of the
interrupt service routine when exiting
power-down mode.
Figure 71 : External RC Circuit on RPD Pin for Exiting
Powerdown Mode with External Interrup
t
RPD
VDD
C0
R0
220k
Ω 1MΩ Typical
1
µF Typical
ST10F280
+
Figure 72 : Simplified Powerdown Exit Circuitry
DQ
Q
VDD
Enter
cd
External
interrupt
reset
Stop pll
stop oscillator
VDD
DQ
Q
cd
System clock
CPU and Peripherals clocks
RPD
VDD
Pull-up
Weak Pull-down
(~ 200
µA)
PowerDown
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com