Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST20-C1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 70Page - STMicroelectronics ST20-C1 Datasheet HTML 71Page - STMicroelectronics ST20-C1 Datasheet HTML 72Page - STMicroelectronics ST20-C1 Datasheet HTML 73Page - STMicroelectronics ST20-C1 Datasheet HTML 74Page - STMicroelectronics ST20-C1 Datasheet HTML 75Page - STMicroelectronics ST20-C1 Datasheet HTML 76Page - STMicroelectronics ST20-C1 Datasheet HTML 77Page - STMicroelectronics ST20-C1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 205 page
background image
6.4 Initial exception handler state
74/205
®
The control block is at the initial Wptr for the exception handler, so the locations are
word offsets from the initial Wptr of the exception handler. The initial Wptr is the
address of the exception control block which is the address part of the entry in the
exception vector table.
6.4
Initial exception handler state
When the exception handler starts, Wptr is set to the address of the exception control
block. The work space of the exception handler is normally below the control block, so
like a function or procedure call, one of the first actions of the exception handler code
is to adjust the Wptr downwards to create space for local variables using
ajw. The
Wptr must be adjusted back up again before the handler returns.
The initial Iptr of the exception handler is the value loaded from ex.HandlerIptr in the
exception control block. The state of the interrupted or trapped process is saved in the
exception control block. If the exception is an idle trap then the saved state is the state
of the last descheduled process. Initially the status register is set to the values shown
in Table 6.4.
If the exception handler is interrupting a user process, then the address of the
exception control block (i.e. the user process state) is left in Tdesc. If necessary, the
exception handler can save this address. If a sequence of nested interrupts has
Field or bit
Value
mac_count
As in the interrupted or trapped process.
mac_buffer
As in the interrupted or trapped process.
mac_scale
As in the interrupted or trapped process.
mac_mode
As in the interrupted or trapped process.
global_interrupt_enable
False if exception is a trap, otherwise preserved.
local_interrupt_enable
As in the interrupted or trapped process.
overflo w
False.
underflo w
False.
carry
False.
user_mode
False.
interrupt_mode
True if any interrupts are running, false otherwise.
trap_mode
True if exception is a trap, false otherwise.
sleep
False.
reserved
Undefined.
start_next_task
False.
timeslice_enable
False.
timeslice_count
As in the interrupted or trapped process.
Table 6.4 Exception handler initial status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com