| Electronic Components Datasheet Search |
|
ST20-C1 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 205 page ![]() 19/205 3 Architecture ® be half-word-aligned if it is at an address with an even byte selector, i.e. the full address of the object is divisible by 2. Word objects, including addresses, are normally stored word-aligned in memory. This is usually desirable to make the best use of any 32-bit wide memory. Also most instructions that involve fetching data from or storing data into memory, use word aligned addresses and load or store four contiguous bytes. However, there are some instructions that can manipulate part of a word. A half-word object is normally half-word-aligned, so it can be stored either in the least significant 16 bits of a word or in the most significant 16 bits. A data item that is represented in two contiguous words is called a double word object and is normally word-aligned. 3.2.3 Ordering of information in memory Data is stored in memory using the little-endian rule. Objects consisting of more than one byte are stored in consecutive bytes, with the least significant byte at the lowest address and the most significant at the highest address . Figure 3.3 shows the ordering of bytes in words in memory. If X is a word-aligned address then the word at X consists of the bytes at addresses X to X+3, where the byte at X is the least significant b yte and the byte at X+3 is the most significant byte of the word. Figure 3.3 Bytes in words in memory 3.2.4 Work space The ST20-C1 uses a stack-based data structure in memory to hold the local working data of a program, called the work space. The work space is a word-aligned collection of 32-bit words pointed to by the work space pointer register (Wptr). The programmer’s model is that all local data is held in the work space, i.e. in memory, and must be brought into the evaluation stack to be operated on, and then written back from the evaluation stack to the work space. X+7 X+6 X+5 X+4 X+3 X+2 X+1 X+0 Memory (bytes) X+3 X+2 X+1 X+0 MSB LSB 31 24 23 16 15 8 7 0 X+7 X+6 X+5 X+4 MSB LSB 31 24 23 16 15 8 7 0 32-bit words X is a word-aligned byte address X+n is the byte n bytes past X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |