| Electronic Components Datasheet Search |
|
ST20-C1 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 205 page ![]() 41/205 4 Using ST20-C1 instructions ® 4.5 Forming addresses The addressing instructions provide access to items in data structures using short sequences of single byte instructions. These instructions are listed in Table 4.8. 4.5.1 The address of a variable The absolute address of a local work space location is loaded using the ldlp primary instruction. ldlp 0 can be used to load the value in the Wptr. The ldnlp primary instruction is provided to calculate the absolute address of a non- local variable. The meaning of local and non-local is described in section 4.2. 4.5.2 The address of an instruction The address of a location in the program being executed can be obtained by the ldpi operation as follows. The address of the location x bytes past the next instruction (which is itself pointed to by the instruction pointer register) can be pushed onto the evaluation stack by ldc x; ldpi For example, the address of a label L can be loaded by ldc (L-M); ldpi M: where the label M is the address of the instruction that follows the ldpi instruction. First the offset in bytes from M to L is loaded into Areg. The ldpi then uses this offset and the value in the instruction pointer register (which will be the address of label M)to load the address of label L into Areg. This technique is useful for generating relocat- able code. Breg and Creg are unaffected. 4.5.3 Arrays The wsub instruction interprets Areg as the address of the beginning of a vector of word-sized data objects, and Breg as an index into that vector. After execution, Areg holds the address of the indexed element, and Creg is popped into Breg, leaving Areg rotated into Creg. The operation performed by wsub is to multiply the integer in Breg by four and to add this to the address in Areg (without overflow checking). Mnemonic Name Meaning ldlp n load local pointer Load the value Wptr +4 n. ldnlp n load non-local pointer Load the value Areg +4 n. ldpi n load pointer to instruction Load the value Iptr + n. wsub word subscript Load the value Areg +4.Breg. Table 4.8 Addressing instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |