Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST20-C1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 40Page - STMicroelectronics ST20-C1 Datasheet HTML 41Page - STMicroelectronics ST20-C1 Datasheet HTML 42Page - STMicroelectronics ST20-C1 Datasheet HTML 43Page - STMicroelectronics ST20-C1 Datasheet HTML 44Page - STMicroelectronics ST20-C1 Datasheet HTML 45Page - STMicroelectronics ST20-C1 Datasheet HTML 46Page - STMicroelectronics ST20-C1 Datasheet HTML 47Page - STMicroelectronics ST20-C1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 205 page
background image
4.6 Comparisons and jumps
44/205
®
Implementation of languages with different representations of
true and false
It is easy to implement programming languages that use a different representation of
true and false. For example, using
eqc X; not; adc 1
in place of
eqc X and
gt; not; adc 1
in place of
gt, does not affect the representation of a false result, but changes the
representation of
true to -1, which is used in some programming languages.
4.6.2
Comparison
The primary instruction
eqc n loads Areg with a truth value — true if Areg is initially
equal to the instruction operand (
n), false otherwise. Breg and Creg are unaffected.
gt and gtu take integer operands in Areg and Breg and produce a boolean result
which is loaded into Areg. They also load the value in Creg into Breg, saving a copy
of the initial Areg in Creg.
The
gt instruction loads Areg with true if Breg > Areg, false otherwise, treating Areg
and Breg as signed values. Similarly
gtu loads Areg with true if the unsigned value of
Breg is greater than the
unsigned value of Areg; false otherwise.
4.6.3
Jump and conditional jump
There are two relative jump instructions; both are primary instructions.
The unconditional jump instruction,
jn, adds its operand (n) to the address of the
instruction immediately following it and puts the result into Iptr, thus transferring
execution to another part of the program.
The conditional jump instruction,
cj n, performs a jump if the value in Areg is 0 and
does not affect the evaluation stack. If the value in Areg is not 0
cj rotates the value in
Areg to the bottom of the evaluation stack and continues with the next instruction.
Consequently
cj n serves as ‘jump if false’ provided that the language being imple-
mented interprets 0 as
false (see section 4.6.1).
4.6.4
Conditional transfer of control
The conditional expressions used in a conditional branch of an if construct are
compiled using the conditional jump. The statement:
if (
E){
P
}
This compiles to:
E; cj L;
P; j ENDIF;
L:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com